PART |
Description |
Maker |
Q62702-G0042 BGA312 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BGA312 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
|
Siemens Semiconductor Group
|
FQPF5N50CF FQPF5N50CFTU |
Low gate charge ( typical 18nC) 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQS4903 FQS4903TF |
500V Dual N-Channel MOSFET Low Css (typical 4.5 pF)
|
Fairchild Semiconductor List of Unclassifed Manufacturers
|
ADG1604 ADG1604BCPZ-REEL ADG1604BCPZ-REEL7 ADG1604 |
1 Ω Typical On Resistance, ±5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer 1 楼? Typical On Resistance, 隆戮5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
|
Analog Devices
|
FMCE-0528 FMCE-0528-TR |
Attenuation to 60 dB at 500 kHz, typical Operating temperature -55掳 to 125掳C Attenuation to 60 dB at 500 kHz, typical Operating temperature -55° to 125°C
|
Interpoint Corporation Company
|
MCP619-I/P MCP619-I/SL MCP619-I/ST MCP617-I/MS MCP |
The MCP619 quad operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP617 dual operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP618 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ... The MCP616 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ...
|
Microchip
|
MCP603T-E/ST MCP603T-I/ST MCP6022-I/SN MCP6022-I/S |
MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ...
|
Microchip
|
GBU6D GBU6M GBU6A GBU6B GBU6G GBU6J GBU6K |
6.0 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电A,重复反相电压峰00V)) 6.0 Ampere Bridge Rectifiers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MCP6021 MCP6024 MCP6022 MCP6024T-I_ST MCP6021-E_P |
The MCP6022 dual operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6021 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... The MCP6024 quad operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6023 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... Rail-to-Rail Input/Output 10 MHz Op Amps Rail-to-Rail Input/Output, 10 MHz Op Amps
|
MICROCHIP[Microchip Technology]
|
MCP6547 MCP6549 MCP6546 MCP6548 MCP6547-I/MS MCP65 |
The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the sixteen lead The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6549 is an Open Drain, quad comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead PD The MCP6546 is an Open-Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current of 600 nA and a maximum of 1 microamp and is 10V output capable. This device is offered in the eight lead The MCP6548 is an Open Drain, single comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... The MCP6547 is an Open Drain, dual comparator. This single-ended device operates from 1.6V to 5.5V, with typical quiescent current ... OPEN-DRAIN OUTPUT SUB-MICROAMP COMPARATORS
|
MICROCHIP[Microchip Technology]
|
F505 M655 C255 C155 C505 |
Typical Applications
|
Vectron International, Inc Vectron International, ...
|